Part Number Hot Search : 
MPG06K LTC2974 OPI120XV CN303 MC13142D SW121340 128L0 M5M29GB
Product Description
Full Text Search
 

To Download SR1006470KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : 20090505-D PROD. NAME ABC'S DWG NO. SR1006L- PAGE: 1
SMD POWER INDUCTOR
ABC'S ITEM NO.
CONFIGURATION & DIMENSIONS
A B : : : 9.50.3 5.50.3 2.9 ref. m/m m/m m/m m/m m/m m/m
101
Marking
Dot is start winding & Inductance code
A
C D E F
: 10.0 ref. : 10.0 ref. : 2.8 ref.
A B
C
D
( PCB Pattern )
SCHEMATIC DIAGRAM
a
F E
MATERIALS
aCoreFerrite DR core bWire Enamelled copper wire ( class F & H ) cTerminalAg/Ni/Sn dRemarkProducts comply with RoHS' requirements
b
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max.
c
Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 50sec max. 230
GENERAL SPECIFICATION
aTemp. rise 40 max. bRated currentBase on temp. rise & L / L0A=10% max. cStorage temp.-40 ----+125 dOperating temp.-40----+105 eResistance to solder heat260.10 secs.
Temperature ( )
250 200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090505-D PROD. NAME ABC'S DWG NO. SR1006L- PAGE: 2
SMD POWER INDUCTOR
ABC'S ITEM NO.
ELECTRICAL CHARACTERISITCS
DWG No. SR10061R5ML- SR10062R2ML- SR10063R3ML- SR10063R9ML- SR10064R7ML- SR10065R6ML- SR10066R8ML- SR10068R2ML- SR1006100ML- SR1006120ML- SR1006150ML- SR1006180ML- SR1006220ML- SR1006270ML- SR1006330KL- SR1006390KL- SR1006470KL- SR1006560KL- SR1006680KL- SR1006820KL- SR1006101KL- SR1006121KL- SR1006151KL- SR1006181KL- SR1006221KL- SR1006271KL- SR1006331KL- SR1006391KL- SR1006471KL- SR1006561KL- SR1006681KL- SR1006821KL- SR1006102KL- SR1006122KL- SR1006152KL- SR1006182KL- SR1006222KL- SR1006272KL- SR1006332KL- SR1006392KL- SR1006472KL- Inductance ( H ) 1.520% 2.220% 3.320% 3.920% 4.720% 5.620% 6.820% 8.220% 10.020% 12.020% 15.020% 18.020% 22.020% 27.020% 33.010% 39.010% 47.010% 56.010% 68.010% 82.010% 100.010% 120.010% 150.010% 180.010% 220.010% 270.010% 330.010% 390.010% 470.010% 560.010% 680.010% 820.010% 1000.010% 1200.010% 1500.010% 1800.010% 2200.010% 2700.010% 3300.010% 3900.010% 4700.010% Q ref. 35 35 34 34 33 33 33 31 30 30 30 30 25 25 25 20 20 20 15 15 15 15 15 12 12 12 12 12 12 12 12 10 29 32 31 31 31 32 32 31 32 Test Freq. ( Hz ) Q L 1K 7.960M 1K 7.960M 1K 7.960M 1K 7.960M 1K 7.960M 1K 7.960M 1K 7.960M 1K 7.960M 1K 2.520M 1K 2.520M 1K 2.520M 1K 2.520M 2.520M 1K 1K 2.520M 1K 2.520M 1K 2.520M 1K 2.520M 1K 2.520M 1K 2.520M 1K 2.520M 1K 0.796M 1K 0.796M 1K 0.796M 1K 0.796M 1K 0.796M 1K 0.796M 0.796M 1K 1K 0.796M 0.796M 1K 0.796M 1K 1K 0.796M 1K 0.796M 1K 0.252M 1K 0.252M 1K 0.252M 1K 0.252M 1K 0.252M 1K 0.252M 1K 0.252M 1K 0.252M 1K 0.252M SRF ( MHz ) nom. 105.0 68.0 55.0 48.0 40.0 35.0 32.0 24.0 21.0 20.0 16.0 15.0 13.0 11.0 10.0 9.0 8.0 7.5 7.0 6.0 5.2 5.0 4.5 4.0 3.8 3.5 3.2 3.0 2.5 2.3 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 0.8 RDC ( ) max. 0.018 0.021 0.024 0.027 0.036 0.040 0.044 0.048 0.060 0.070 0.080 0.090 0.100 0.110 0.120 0.140 0.170 0.190 0.220 0.250 0.350 0.400 0.470 0.630 0.730 0.970 1.150 1.300 1.480 1.900 2.250 2.550 3.100 4.200 5.000 6.800 7.600 11.600 13.500 14.800 18.000 IDC ( A) max. 6.40 5.40 5.00 4.60 4.00 3.80 3.40 3.00 2.60 2.45 2.25 2.15 1.95 1.75 1.50 1.35 1.25 1.15 1.10 1.00 0.97 0.89 0.78 0.72 0.66 0.57 0.52 0.48 0.42 0.33 0.28 0.24 0.23 0.21 0.19 0.17 0.16 0.14 0.12 0.11 0.10
1). Packaging information ... ABulk BTaping Reel 2)."":Reference code 3). IDC base on temp. rise 40 max. & L/L0A=10% max.
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090505-D PROD. NAME ABC'S DWG NO. SR1006L- PAGE: 3
SMD POWER INDUCTOR
ABC'S ITEM NO.
INDUCTANCE VS. DC CURRENT CURVE
104 7 5 3 2 103 7 5 3 2 102 7 5 3 2 101 7 5 3 2 100 101 151 392
102
InductanceuH
390
100
2R2 23 5 7 102 2 3 5 7 103 2 3 5 7 104
DC Current (mA)
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090505-D PROD. NAME ABC'S DWG NO. SR1006L- PAGE: 4
SMD POWER INDUCTOR
ABC'S ITEM NO.
PACKAGING INFORMATION
( 1 ) Configuration T
Cover tape
2.00.5 A B N C C
G
D
Embossed carrier
Carrier tape width : D P:12 m/m End 4 m/m Start
101
101
101
101
101
101
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 130.5 D 24 G 26 +0 N 50 -0
Unit:m/m T 30.4
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SR1006 SR1006
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
800 500
1,800 1,125
13 - 24 13 - 24
3,200 2,000
9.5 6.0
40 x 40 x 24 40 x 40 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090505-D PROD. NAME ABC'S DWG NO. SR1006L- PAGE: 5
SMD POWER INDUCTOR
ABC'S ITEM NO.
DWGING NUMBER EXPRESSION
S
R
1
0
0
6 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information
Code A B C D E T.B.D
Inner package
Inner package Q'TY T.B.D 800 800 800 500 pcs pcs pcs pcs
Remark
T / R ( Reel package ) T / R ( Reel package ) T / R ( Reel package ) T / R ( Reel package )
Hot-press Type UCT Type
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090505-D PROD. NAME ABC'S DWG NO. SR1006L- PAGE: 6
SMD POWER INDUCTOR
ABC'S ITEM NO.
RELIABILITY TEST
Test item Specification More than 95% of the terminal electrode Shall be covered With fresh solder. Test condition Preheat : 155 / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 50.5 seconds
Solderability
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-40 30 minutes +105 30 minutes
Humidity Test
Temperature : 402 Humidity : 905% Time : 1000 hours
High temp. Resistance test
Temperature : 1055 Applied current : Per spec. Time : 96 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090505-D PROD. NAME ABC'S DWG NO. SR1006L- PAGE: 7
SMD POWER INDUCTOR
ABC'S ITEM NO.
UL CARD
OBMW2 Magnet Wire-Component
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Mark Dsg
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
Coat Typ BC
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane Page 1 of 2 ____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
ANSI Type
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
Temp Class
220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
A not-for-profit organization dedicated to public safety and committed to quality service
Mtl Dsg
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mark Dsg ____
____ ____ ____ ____ ____
BC
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
Coat Typ
OC
Polyamide ____ ____ ____ Nylon Polyamide
ANSI Type
MW80C MW2-C ___ MW75C MW28-C MW28-C
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or , material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090505-D PROD. NAME ABC'S DWG NO. SR1006L- PAGE: 8
SMD POWER INDUCTOR
ABC'S ITEM NO.
OBMW2 Magnet Wire-Comporent
October 06, 2005 E143312
ELEKTRISOLA (MALAYSLA) SDN BHD JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA
Coating Type Mtl Dsg
Estersol 180 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180 Polysol P155p
Mark Dsg
E180 A200 PN155 P155, G155 Pg155 Pp155,Gp155 P160 P180,G180 P170 or G170 PN180 P155p
BC
Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane
OC
____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon ____
ANSI Typ
MW-77 MW-74 MW-80, MW-28 MW-79, MW-75 MW-75 MW-79 MW-79 MW-82 MW-79 MW-79 MW-83 MW-79
Temp Class
180 200 155, 130 155, 130 130 155 155 180 155 155 180 155
MarkingCompany name, material designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A


▲Up To Search▲   

 
Price & Availability of SR1006470KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X